Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download SF502GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *

omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SF500 GP thru SF504 GP
5 Amp Surper Fast Recovery Rectifiers 50 - 400Volts
DO-201AD
Low forward voltage, high current capability Hermetically sealed High surge capability Superfast recovery times-epitaxial construction
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 25.0C/W Junction To Lead Microsemi Catalog Number Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 300V 400V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 300V 400V
D
SF500GP SF500GP SF501GP SF501GP SF502GP SF502GP SF503GP SF503GP SF504GP SF504GP
35V 70V 140V 210V 280V
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage
SF500~SF502 SF503~SF504
D
IF(AV) IFSM
5.0A 150A
TA = 55C 8.3ms, half sine
C
VF
.95V 1.25V 5.0uA 300uA
IFM = 5.0A; TA = 25C* TA = 25C TA = 125C Test Conditions
IF=.5A,IR=1A,Irr=.25A
DIM A B C D
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time Typical Junction Capacitance
IR
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
T rr CJ
35nS 45pF
Measured at 1.0MHz, VR=4.0V
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.mccsemi.com
MCC
SF500GP thru SF504GP
+0.5A
AVERAGE FORWARD CURRENT (10)-AMP (10)-AAV
trr
0 -0.25
8.0 6.0 ON HEAT SINK 4.0
NOTE:1.Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF 2.Rise Time = 10ns max. Source Impedance = 50 Ohms
2.0
ON PCB
-1.0
SET TIME BASE FOR 50 ns/cm
1cm
0 50 75 100 125 150 175 200
AMBIENT TEMPERATURE, J
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
INSTANTANEOUS FORWARD CURRENT AMPERES
Fig. 2-MAXIMUM AVERAGE FORWARD CURRENT RATING
100
SF500GP ~ SF502GP 10
AVERAGE FORWARD CURRENT, AMPERES
5.0 4.0 3.0 2.0 1.0 0 0 50 100 150
SF503GP ~ SF504GP 1
0.1
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
CASE TEMPERATURE, J
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 3-MAXIMUM AVERAGE FORWARD CCURRENT RATING
PEAK FORWARD SURGE CURRENT, AMPERES
Fig. 4-FORWARD CURRENT DERATING CURVE
JUNCTION CAPACITANCE, pF
200 y 150 125 75 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD 35 1 5 10 50 100
100
TJ = 25J f = 1.0MHz Vsig = 50mVp-p
10 5 1 10
REVERSE VOLTAGE, VOLTS
100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SF502GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X